Part Number Hot Search : 
LTM450DW 103IT TXV2N72 24D300 90130 3N262 5225B NCP5810D
Product Description
Full Text Search
 

To Download BY396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY396 THRU BY399
3.0 AMPS. Fast Recovery Rectifiers
Voltage Range 100 to 800 Volts Current 3.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
DO-201AD
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MILSTD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 1.2 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol BY396 Type Number Maximum Recurrent Peak Reverse Voltage VRRM 100 Maximum RMS Voltage VRMS 70 Maximum DC Blocking Voltage VDC 100
Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 3.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100
BY397
200 140 200 3.0
BY398
400 280 400
BY399 Units
800 560 800 V V V A A V uA uA nS pF O C/W
I(AV) IFSM VF IR
150 1.2
5 100 Maximum Reverse Recovery Time ( Note 1 ) Trr 250 Typical Junction Capacitance ( Note 2 ) Cj 50 Typical Thermal Resistance ( Note 3 ) 40 RJA Operating Temperature Range TJ -65 to +150 Storage Temperature Range TSTG -65 to +150 Notes:1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
- 412 -
RATINGS AND CHARACTERISTIC CURVES (BY396 THRU BY399)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
4
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
150
PEAK FORWARD SURGE CURRENT. (A)
100
3
2
50
1
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375"(9.5mm) Lead Length
0 25 50 75 100
o
Tj=25 0C 8.3ms Single Half Sine Wave JEDEC Method
0 125 150 175 AMBIENT TEMPERATURE. ( C)
10
1
5
10
50
100
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL FORWARD CHARACTERISTICS
20 10 100
FIG.4- TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE.(pF)
INSTANTANEOUS FORWARD CURRENT. (A)
60
3
40
1
Tj=25 0C
20
0.3
0.1
Tj=25oC Pulse Width=300 s 1% Duty Cycle
10
1
2
4
6
10
20
40
60
100
REVERSE VOLTAGE. (V)
0.03
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
FIG.5- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
- 413 -


▲Up To Search▲   

 
Price & Availability of BY396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X